PART |
Description |
Maker |
801-93-001-10-001000 801-93-001-20-001000 801-44-0 |
INTERCONNECTS .100隆卤 Grid (.030隆卤 dia.) Pins, Straight and Right Angle Single Row INTERCONNECTS .100 Grid (.030 dia.) Pins, Straight and Right Angle Single Row
|
Mill-Max Mfg. Corp.
|
NSF206036 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 20A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 20A条(丁)|254
|
Sharma Electro Components, Inc.
|
IXFL350 IXFL18N50 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 14A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直|4A条(丁)|54 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 18A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 18A条(丁)|254
|
IXYS, Corp. Vicor, Corp.
|
2N7224 |
N Channel MOSFET; Package: TO-254;
|
MICROSEMI CORP-LAWRENCE
|
TIP35A |
25 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-254
|
MICROSEMI CORP-LAWRENCE
|
0022013087-17 |
KK 254 Crimp Housing, Friction Ramp, 8 Circuits
|
Molex Electronics Ltd.
|
A-43009-0004 |
KK? 254 Solid Header, Vertical, 4 Circuits, without Kinked PC Tails
|
Molex Electronics Ltd.
|
A-43009-0005 |
KK? 254 Solid Header, Vertical, 5 Circuits, without Kinked PC Tails
|
Molex Electronics Ltd.
|
CHT-LDOP-033-TO254-T CHT-LDOP-090-TO254-T |
3.3 V FIXED POSITIVE LDO REGULATOR, MSFM3 METAL, TO-254, 3 PIN 9 V FIXED POSITIVE LDO REGULATOR, MSFM3 METAL, TO-254, 3 PIN
|
CISSOID S.A.
|
22-28-0040 |
KK? 254 Breakaway Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
22-29-2051 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
22-29-2061 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
|